PART |
Description |
Maker |
CAS-1300 |
Megapixel 1/3 CCD high-definition (HD) resolution 2.8 ~ 8.5 mm adjustable Vari-focal length for wide angle surveillance
|
Level One
|
GP2S40 |
Long Focal Distance, Subminiature Photointerrupter
|
http:// Sharp Electrionic Components Sharp Corporation
|
GP2S30 |
Long Focal Distance Type Photointerrupter with Connector
|
Sharp Electrionic Components
|
9A0612F401 |
15mm thick, 20mm thick, 25mm thick 25mm thick (San Cooler), 38mm thick (GV type) 38mm thick (G type)
|
List of Unclassifed Man...
|
GP2A10 |
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
|
http:// SHARP[Sharp Electrionic Components]
|
JAN-60 1600-1 1600-19A JAN-75 4115-1B 1150-19A 456 |
T- Lens-End Lamps, T-1 Lens-End Lamps External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:65W; Output Current:2.7A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 的T透镜完灯公司,T - 1透镜完灯 TV 6C 6#22D PIN PLUG TV 8C 8#8(TWIN) SKT PLUG RECP T- Lens-End Lamps/ T-1 Lens-End Lamps
|
International Light Technologies, Inc. International Light Technologies Inc. Gilway Technical Lamp
|
ECCM4A2AETS-70.000M ECCM4A2BETS-70.000M ECCM4A2CET |
1.38mm GLASS SURFACE MOUNT CRYSTAL
|
Ecliptek Corporation
|
OA172SAPL-11-1 OA172SAPL-11-2 OA172SAPL-11-3 |
AC Fan - 115V, 230V 172 x 150 x 38mm (6.7”x 5.9”x 1.5?
|
ORION FANS
|
TC15-11YWA |
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
|
Kingbright Corporation
|
SSB-COB6119GW |
38mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,
|
Electronic Theatre Controls, Inc.
|
174-14 173-14 179-14 169-14 |
Midget flanged base lens-end lamp. 5.00V, 0.170A, 880Lux. Midget flanged base lens-end lamp. 3.50V, 0.600A, 12000Lux. Midget flanged base lens-end lamp. 3.50V, 0.750A, 13000Lux. Midget flanged base lens-end lamp. 2.50V, 0.340A, 1000Lux.
|
Gilway Technical Lamp
|
SSB-COB3816GW |
38mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green, 14 chips, 4.2v
|
List of Unclassifed Man... LUMEX INC. ETC List of Unclassifed Manufacturers
|